Part Number Hot Search : 
100R2 PCF85 7905T ON2848 M38025E6 IDT74F S12864 SM735K
Product Description
Full Text Search
 

To Download DO-214AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS1L30A/U
LOW DROP POWER SCHOTTKY RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) FEATURES AND BENEFITS VERY LOW FORWARD VOLTAGE DROP FOR LESS POWER DISSIPATION OPTIMIZED CONDUCTION/REVERSE LOSSES TRADE-OFF WHICH MEANS THE HIGHEST YIELD IN THE APPLICATIONS SURFACE MOUNT MINIATURE PACKAGE SMA STPS1L30A JEDEC DO-214AC SMB STPS1L30U JEDEC DO-214AA 1A 30 V 150 C 0.3 V
DESCRIPTION Single Schottky rectifier suited to Switched Mode Power Supplies and high frequency DC to DC converters, freewheel diode and integrated circuit latch up protection. Packaged in SMA and SMB, this device is especially intended for use in parallel with MOSFETs in synchronous rectification. ABSOLUTE RATINGS (limiting values) Symbol VRRM IF(RMS) IF(AV) IFSM IRRM IRSM Tstg Tj dV/dt *: RMS forward current Average forward current Surge non repetitive forward current Repetitive peak reverse current Non repetitive peak reverse current Storage temperature range Maximum operating junction temperature * Critical rate of rise of reverse voltage TL = 135C = 0.5 tp = 10 ms Sinusoidal tp = 2 s F = 1kHz square tp = 100 s square Parameter Repetitive peak reverse voltage Value 30 10 1 75 1 1 - 65 to + 150 150 10000 Unit V A A A A A C C V/s
dPtot 1 < thermal runaway condition for a diode on its own heatsink Rth(j-a) dTj
1/5
August 1999 - Ed: 4A
STPS1L30A/U
THERMAL RESISTANCES Symbol Rth (j-l) Junction to lead Parameter SMA SMB STATIC ELECTRICAL CHARACTERISTICS Symbol IR * VF * Parameters Reverse leakage Current Forward Voltage drop Tests Conditions Tj = 25C Tj = 100C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Pulse test : * tp = 380 s, < 2%
Value 30 25
Unit C/W
Min.
Typ. 6
Max. 200 15 0.395 0.3 0.445
Unit A mA V
VR = VRRM IF = 1 A 0.26 IF = 2 A
0.325 0.375
To evaluate the maximum conduction losses use the following equation : P = 0.225 x IF(AV) + 0.075 IF2(RMS)
Fig. 1: Average forward power dissipation versus average forward current.
PF(av)(W) 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 0.0
Fig. 2: Average forward current versus ambient temperature (=0.5).
1.2 IF(av)(A)
Rth(j-a)=Rth(j-l)
= 0.1 = 0.05
= 0.2
= 0.5
1.0 0.8
=1
Rth(j-a)=120C/W Rth(j-a)=100C/W
0.6 0.4
T
T
0.2
IF(av) (A) 0.2 0.4 0.6 0.8
=tp/T
tp
0.0
=tp/T
tp
Tamb(C) 50 75 100 125 150
1.0
1.2
0
25
Fig. 3-1: Non repetitive surge peak forward current versus overload duration (maximum values) (SMA).
IM(A) 10 8 6 4 2 0 1E-3
IM t
Fig. 3-2: Non repetitive surge peak forward current versus overload duration (maximum values) (SMB).
IM(A) 10 8
Ta=25C
Ta=25C
6
Ta=50C
Ta=50C
4
Ta=100C
Ta=100C
2 0 1E-3
IM t
=0.5
t(s) 1E-2 1E-1 1E+0
=0.5
t(s) 1E-2 1E-1 1E+0
2/5
STPS1L30A/U
Fig. 4-1: Relative variation of thermal impedance junction to ambient versus pulse duration (epoxy printed circuit board, e(Cu)=35m, recommended pad layout) (SMB).
Zth(j-a)/Rth(j-a) 1.0 0.8 0.6 0.4
T
Fig. 4-2: Relative variation of thermal impedance junction to ambient versus pulse duration (epoxy printed circuit board, e(Cu)=35m, recommended pad layout) (SMA).
Zth(j-a)/Rth(j-a) 1.0 0.8 0.6 0.4
T
0.2 0.0 1E-2 tp(s) 1E-1 1E+0 1E+1
=tp/T
tp
0.2 1E+2 5E+2 0.0 1E-2 tp(s) 1E-1 1E+0 1E+1
=tp/T
tp
1E+2
5E+2
Fig. 5: Reverse leakage current versus reverse voltage applied (typical values).
1E+2 1E+1 1E+0 1E-1 1E-2 1E-3 0 5
Tj=25C
Fig. 6: Junction capacitance versus reverse voltage applied (typical values).
C(pF) 500
IR(mA)
Tj=150C Tj=125C Tj=100C
F=1MHz Tj=25C
100
VR(V) 10 15 20 25 30
10 1 2
VR(V) 5 10 20 30
Fig. 7-1: Forward voltage drop versus forward current (typical values, high level).
IFM(A) 10.00
Fig. 7-2: Forward voltage drop versus forward current (maximum values, low level).
IFM(A)
Tj=125C Tj=100C
3.0 2.5
Tj=100C
2.0
Tj=150C
Typical values Tj=150C
1.00
Tj=25C
1.5
Tj=25C
1.0 0.5
VFM(V) 0.10 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
VFM(V) 0.0 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50 0.55 0.60
3/5
STPS1L30A/U
Fig. 8-1: Thermal resistance junction to ambient versus copper surface under each lead (Epoxy printed circuit board FR4, copper thickness: 35m) (SMB).
Rth(j-a) (C/W) 120 100 80 60 40 20 S(Cu) (cm) 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Fig. 8-2: Thermal resistance junction to ambient versus copper surface under each lead (Epoxy printed circuit board FR4, copper thickness: 35m) (SMA).
Rth(j-a) (C/W) 140 120 100 80 60 40 20 0 0 1 S(Cu) (cm) 2 3 4 5
PACKAGE MECHANICAL DATA SMA DIMENSIONS REF.
E1
Millimeters Min. Max. 2.70 0.20 1.65 0.41 5.60 4.60 2.95 1.60
Inches Min. 0.075 0.002 0.049 0.006 0.189 0.156 0.089 0.030 Max. 0.106 0.008 0.065 0.016 0.220 0.181 0.116 0.063
A1
D
1.90 0.05 1.25 0.15 4.80 3.95 2.25 0.75
A2 b
E
c E
A1
E1
C L A2
D
b
L
FOOT PRINT DIMENSIONS (in millimeters)
1.65
1.45
2.40
1.45
4/5
STPS1L30A/U
PACKAGE MECHANICAL DATA SMB DIMENSIONS
E1
REF.
Millimeters Min. Max. 2.45 0.20 2.20 0.41 5.60 4.60 3.95 1.60
Inches Min. 0.075 0.002 0.077 0.006 0.201 0.159 0.130 0.030 Max. 0.096 0.008 0.087 0.016 0.220 0.181 0.156 0.063
D
A1 A2 b
1.90 0.05 1.95 0.15 5.10 4.05 3.30 0.75
E
c E
A1
E1
C L A2
D
b
L
FOOT PRINT DIMENSIONS (in millimeters)
2.3
1.52
2.75
1.52
Ordering type STPS1L30U STPS1L30A
Marking G23 GB3
Package SMB SMA
Weight 0.107g 0.068g
Base qty 2500 5000
Delivery mode Tape & reel Tape & reel
Band indicates cathode Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of DO-214AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X